Part Number Hot Search : 
KAQY210 TLP62 AD977 1J101M ICE2000 AN7586 GF10N SN67010
Product Description
Full Text Search
 

To Download LSWM-453232-1R8J-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wound Molded Chip Inductor
Dimensions
3.2 0.2
(LSWM-453232 Series)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
Top View - Markings
3.2 0.2
R33M
4.5 0.3
(Not to scale)
1.75 0.10
Dimensions in mm
Part Numbering Guide
LSWM - 453232 - R10 M - T
Dimensions
(Length, Width, Height)
Packaging Style
B=Bulk T=Tape & Reel (500 pcs per reel)
Inductance Code
Tolerance
J=5%, K=10%, M=20%
Features
Inductance Range Tolerance Construction 0.10 H to 1000 H 5%, 10%, 20% Heat resistant resin with metal terminals
Electrical Specifications
L Code
R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R3 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100
L (H)
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 9.80 8.20 10
Q Min
28 30 30 30 30 30 30 30 30 30 30 30 50 50 50 50 50 50 50 50 50 50 50 50 50
LQ Test Freq (MHz)
25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 2.520
SRF Min (MHz)
700 500 450 400 350 320 300 350 220 180 160 140 100 80 70 60 55 50 45 40 35 33 27 25 20
DCR Max (Ohms)
0.44 0.22 0.25 0.28 0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.67 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 1.10 1.20 1.40 1.60
IDC Max (mA)
450 450 450 450 450 450 450 450 450 450 450 450 450 430 410 390 380 370 355 330 315 300 285 270 250
L Code
120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
L (uH)
12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
Q Min
50 50 50 50 50 50 50 50 50 50 50 40 40 40 40 40 30 30 30 30 30 30 30 30
LQ Test Freq (MHz)
2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
SRF Min (MHz)
18 17 16 13 12 11 10 10 9 9 8 7 6 5 5 4 3 3 3 3 2 2 2 2
DCR Max (Ohms)
2.00 2.50 2.80 3.20 3.60 4.00 4.50 5.00 5.50 6.00 7.00 8.00 8.00 9.00 9.50 12.0 18.0 20.0 23.0 26.0 30.0 40.0 45.0 50.0
IDC Max (mA)
225 200 190 180 170 160 150 140 135 130 120 110 110 105 102 100 92 85 80 62 50 50 30 30
Specifications subject to change without notice.
Rev. 10/00
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LSWM-453232-1R8J-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X